Part Number Hot Search : 
2EZ24D5 2SA19 C4IDC JPM160 LSM6DSM 4PH100 PM070WX9 TGH13A
Product Description
Full Text Search
 

To Download 100EL11M8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100EL11 5V ECL 1:2 Differential Fanout Buffer
January 2003 Revised January 2003
100EL11 5V ECL 1:2 Differential Fanout Buffer
General Description
The 100EL11 is a 5V 1:2 differential fanout buffer. One differential input signal is fanned out to two identical differential outputs. By supplying a constant reference level to one input pin a single ended input condition is created. With inputs open or both inputs at VEE the differential Q outputs default LOW and Q outputs default HIGH. The 100 series is temperature compensated.
Features
s Typical propagation delay of 265 ps s Typical IEE of 26 mA s Typical Skew of 5 ps between outputs s Internal pull-down resistors on inputs s Fairchild MSOP-8 package is a drop-in replacement to ON TSSOP-8 s Meets or exceeds JEDEC specification EIA/JESD78 IC latch-up test s Moisture Sensitivity Level 1 s ESD Performance: Human Body Model > 2000V Machine Model > 200V
Ordering Code:
Product Order Number 100EL11M 100EL11M8 (Preliminary) Package M08A MA08D Code KEL11 KL11 Package Description 8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 8-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm Wide Number Top Mark
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Connection Diagram
Logic Diagram
Top View
Pin Descriptions
Pin Name Q0, Q0, Q1, Q1 D, D VCC VEE Description ECL Data Outputs ECL Data Inputs Positive Supply Negative Supply
(c) 2003 Fairchild Semiconductor Corporation
DS500769
www.fairchildsemi.com
100EL11
Absolute Maximum Ratings(Note 1)
PECL Supply Voltage (VCC) VEE = 0V NECL Supply Voltage (VEE) VCC = 0V PECL DC Input Voltage (VI) VEE = 0V NECL DC Input Voltage (VI) VCC = 0V DC Output Current (IOUT) Continuous Surge Storage Temperature (TSTG) 50 mA 100 mA 0.0V to +8.0V 0.0V to -8.0V 0.0V to +6.0V 0.0V to -6.0V
Recommended Operating Conditions
PECL Power Supply (VEE = 0V) NECL Power Supply (VCC = 0V) Free Air Operating Temperature (TA) VEE = -4.2V to -5.5V VCC = 4.2V to 5.5V
-40C to +85C
-65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
100EL PECL DC Electrical Characteristics VCC = 5.0V; VEE = 0.0V (Note 2)
Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Parameter Power Supply Current Output HIGH Voltage (Note 3) Output LOW Voltage (Note 3) Input HIGH Voltage (Single Ended) Input LOW Voltage (Single Ended) Input HIGH Voltage Common Mode Range (Differential) (Note 4) Input HIGH Current (Note 5) Input LOW Current (Note 5) 0.5 3915 3170 3835 3190 2.5 -40C Min Typ 26 3995 3305 Max 31 4120 3445 4120 3525 4.6 150 0.5 3975 3190 3835 3190 2.5 Min 25C Typ 26 4045 3295 Max 31 4120 3380 4120 3525 4.6 150 0.5 3975 3190 3835 3190 2.5 Min 85C Typ 30 4050 3295 Max 36 4120 3380 4120 3525 4.6 150 Units mA mV mV mV mV V A A
Note 2: Input and output parameters vary 1 to 1 with VCC. VEE can vary +0.8V/-0.5V. Note 3: Outputs are terminated through a 50 Resistor to VCC - 2.0V. Note 4: VIHCMR minimum varies 1 to 1 with VEE. VIHCMR maximum varies 1 to 1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPMIN and 1V. Note 5: Absolute value of the input HIGH and LOW current should not exceed the absolute value of the stated MIn or Max specification. Note: Devices are designed to meet the DC specifications after thermal equilibrium has been established. Circuit is tested with air flow greater than 500LFPM maintained.
www.fairchildsemi.com
2
100EL11
100EL NECL DC Electrical Characteristics VCC = 0.0V; VEE = -5.0V (Note 6)
Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Parameter Power Supply Current Output HIGH Voltage (Note 7) Output LOW Voltage (Note 7) Input HIGH Voltage (Single Ended) Input LOW Voltage (Single Ended) Input HIGH Voltage Common Mode Range (Differential) (Note 8) Input HIGH Current (Note 9) Input LOW Current (Note 9) 0.5 -1085 -1830 -1165 -1810 -2.5 -40C Min Typ 26 -1005 -1695 Max 31 -880 -1555 -880 -1475 -0.4 150 0.5 -1025 -1810 -1165 -1810 -2.5 Min 25C Typ 26 -955 -1705 Max 31 -880 -1620 -880 -1475 -0.4 150 0.5 -1025 -1810 -1165 -1810 -2.5 Min 85C Typ 30 -955 -1705 Max 36 -880 -1620 -880 -1475 -0.4 150 Units mA mV mV mV mV V A A
Note 6: Input and output parameters vary 1 to 1 with VCC. VEE can vary +0.8V/-0.5V. Note 7: Outputs are terminated through a 50 Resistor to VCC - 2.0V. Note 8: VIHCMR minimum varies 1 to 1 with V EE. VIHCMR maximum varies 1 to 1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPMIN and 1V. Note 9: Absolute value of the input HIGH and LOW current should not exceed the absolute value of the stated Min or Max specification. Note: Devices are designed to meet the DC specifications after thermal equilibrium has been established. Circuit is tested with air flow greater than 500LFPM maintained.
AC Electrical Characteristics VCC = 5V; VEE = 0.0V or VCC = 0.0V; VEE = -5V (Note 10)(Note 11)
Symbol fMAX tPLH, tPHL tSKEW tJITTER VPP tr, tf Parameter Maximum Toggle Frequency Propagation Delay to Output Within Device Skew (Note 12) Duty Cycle Skew (Note 13) Cycle-to-Cycle Jitter Input Swing Output Rise Times Q (20% to 80%)
Note 10: VEE can vary +0.8V / -0.5V. Note 11: Measured using a 750 mV input swing centered at VCC - 1.32V; 50% duty cycle clock source; tr = tf = 250 ps (20% - 80%) at fIN = 1 MHz. All loading with 50 to VCC - 2.0V. Note 12: Within-device skew defined as identical transitions on similar paths through a device. Note 13: Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device under identical conditions.
-40C Min 135 Typ TBD 260 5 5 TBD 150 100 225 1000 350 150 100 385 190 Max Min
25C Typ TBD 265 5 5 TBD 100 225 350 150 100 340 20 20 215 Max Min
85C Typ TBD 290 5 5 TBD 1000 225 350 365 20 20 Max
Units GHz ps ps ps mV ps
Figure Number Figure 1
Figure 1 Figure 2
Switching Waveforms
FIGURE 1. Differential to Differential Propagation Delay
FIGURE 2. Differential Output Edge Rates
3
www.fairchildsemi.com
100EL11
Physical Dimensions inches (millimeters) unless otherwise noted
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M08A
www.fairchildsemi.com
4
100EL11 5V ECL 1:2 Differential Fanout Buffer
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
8-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm Wide Package Number MA08D
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 100EL11M8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X